Part Number Hot Search : 
M62376E 6KE24 2N394 F75111R 50500 50500 SP600 2SK14
Product Description
Full Text Search
 

To Download 73051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 73051
N Type Plug, 50 Ohm, Clamp Type, RG8, 213
Materials
Center Conductor, Male: Brass, Gold Plated Connector Body: Brass, Nickel Plated Insulators: PTFE
Specifications
Impedance: 50 Frequency Range: DC - 11GHz Contact Resistance: Center Conductor: 1.0 m Outer Conductor: 0.2 m Insulation Reistance: 5000 M Dielectric Withstand Voltage: 1500V For CE compliance, do not hold in hand when voltages exceed 33 Vrms / 70 Vdc. Number of Insertions: 500 cycles minimum
Model 73051 N Type Plug, 50 Ohm, Clamp Type, RG8, 213
Features
* * * * DC - 11GHz bandwidth. Connectors are precision machined. Meets interface requirements MIL-C-39012. Connector accepts cable types RG/U: 8, 213
Ordering Information
Model: 73051
Sales: 800-490-2361 Technical Support: technicalsupport@pomonatest.com Fax: 425-446-5844 Europe: 31-(0) 40 2675 150 International: 425-446-5500 Where to Buy: www.pomonaelectronics.com USA:
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright (c) 2009 D2018793 Rev. 002 Page 1 of 2
Model 73051
N Type Plug, 50 Ohm, Clamp Type, RG8, 213
Cable Types
Connector Model # 73051 Cable Groups RG8, 213
Cable Assembly Instructions
Sales: 800-490-2361 Technical Support: technicalsupport@pomonatest.com Fax: 425-446-5844 Europe: 31-(0) 40 2675 150 International: 425-446-5500 Where to Buy: www.pomonaelectronics.com USA:
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright (c) 2009 D2018793 Rev. 002 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 73051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X